Part Number Hot Search : 
HC705 PS204 MPS6544 W83977AF ENA1564 1SS372 100JP 2N5772
Product Description
Full Text Search
 

To Download PS-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification PS-05-5 PS-05-12 PS-05-15 PS-05-24 PS-05-48 model dc voltage rated current current range rated power output line regulation load regulation hold up time(typ.) voltage range frequency range efficiency(typ.) input inrush current (typ.) leakage current safety standards working humidity working temp. storage temp., humidity temp. coefficient vibration dimension others note packing over load over voltage ac current (typ.) 5v 12v 15v 24v 48v 1a 0.45a 0.35a 0.22a 0.11a 0 ~ 1.2a 0 ~ 0.5a 0 ~ 0.4a 0 ~ 0.25a 0 ~ 0.125a 5w 5.4w 5.25w 5.28w 5.28w 100mvp-p 120mvp-p 120mvp-p 200mvp-p 200mvp-p 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 100ms at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz 70% 75% 13.8 ~ 16.2v 17.2 ~ 20.2v 27.6 ~ 32.4v 55.2 ~ 64.8v 75% 76% 76% 0.15a/115vac 0.07a/230vac cold start 30a/230vac <0.5ma / 240vac above 105% rated output power 5.75 ~ 6.75v protection type : hiccup mode, recovery automatically after fault co ndition is removed protection type : hiccup mode, recovery automatically after fault con dition is removed -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.05%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, period for 60min.each along x, y, z axes 75*40*20mm (l*w*h) 0.05kg; 120pcs/6.25kg/1cuft file name:PS-05-spec 2006-04-13 over temperature harmonic current ems immunity en60950-1 cb approved by tuv compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11 light industry level, c riteria a 5w single output switching power supply p s - 0 5 s e r i e s features : withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:100m ohms/500vdc emi conduction & radiation environment safety & emc (note 4) protection 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. ripple & noise (max.) note.2 voltage tolerance note.3 tj 140 typically (u1) detect on main control ic universal ac input / full range low leakage current <0.5ma protections: short circuit/over load /over voltage/over tempera ture cooling by free air convection 100% full load burn-in test fix switching frequency at 67khz low cost high reliability 2 years warranty setup, rise time 1000ms, 20ms
file name:PS-05-spec 2006-04-13 unit:mm ambient temperature ( ) input voltage (v) 60hz load (%) load (%) mechanical specification static characteristics output derating -10 -10 0 10 20 30 40 50 60 20 40 60 80 100 105 90 40 85 50 60 70 80 95 100 90 100 264 pwm circuit detection emi filter rectifiers & filter power switch- filter & rectifiers +v -v i/p fg ing control 1 75 67 cn2 20 cn1 4- 3.5 2 1 32 40 23 to chassis grounding (horizontal) dc output connector (cn1) : molex 5273-02 or equivalent pin no. 12 assignment +v -v mating housing molex 5195 or equivalent terminal molex 5194 or equivalent ac input connector (cn2) : molex 5285-03 or equivalent pin no. 12 3 assignment fg ac/n ac/l mating housing molex 5058 molex 2478 or equivalent or equivalent terminal block diagram fosc : 67khz 5w single output switching power supply p s - 0 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of PS-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X